PART |
Description |
Maker |
PB5006-13 PB5006-E3/45 |
Enhanced isoCink Bridge Rectifiers
|
Vishay Siliconix
|
26MT140 26MT120 36MT80 26MT80 36MT120 26MT20 36MT1 |
THREE PHASE BRIDGE Power Modules 1200V 3 Phase Bridge in a D-63 package 50V 3 Phase Bridge in a D-63 package 1600V 3 Phase Bridge in a D-63 package 1400V 3 Phase Bridge in a D-63 package 1000V 3 Phase Bridge in a D-63 package 100V 3 Phase Bridge in a D-63 package 800V 3 Phase Bridge in a D-63 package THREEPHASEBRIDGEPowerModules THREE PHASE BRIDGE Power Modules 三相桥式电源模块
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
26MB140 36MB140 36MB160 26MB160A 36MB160A 26MB160 |
IC REG LDO 1.0A 2.5V SOT-223 (36MB140A / 36MB160A) SINGLE PHASE BRIDGE Power Modules 1600V Bridge in a D-34A package 1400V Bridge in a GBPC-A package
|
IRF[International Rectifier]
|
1KAB20E 1KAB100E 1KAB80E 1KAB-E 1KAB10E 1KAB40E 1K |
200V Bridge in a D-38 package 50V Bridge in a D-38 package 1000V Bridge in a D-38 package 100V Bridge in a D-38 package 400V Bridge in a D-38 package 600V Bridge in a D-38 package 800V Bridge in a D-38 package 1.2 amp rectifier bridge
|
http:// IRF[International Rectifier]
|
26MB40A 36MB80A 35AMB12026MB 25AMB12026MB 35AMB120 |
SINGLE PHASE BRIDGE 单相桥式 4-Pole Solid State Relay w/o Protection SCR 单相桥式 IC REG LDO 1.0A 1.8V TO-252 IC DAA LITELINK III FW RING DET 3.3V TUBED equipment to provide connection and isolation to/from the public telephone network 50V Bridge in a D-34A package SINGLEPHASEBRIDGE 100V Bridge in a D-34A package 1200V Bridge in a D-34A package 400V Bridge in a D-34A package 600V Bridge in a D-34A package 800V Bridge in a D-34A package 1000V Bridge in a D-34A package
|
International Rectifier, Corp. InternationalRectifier IRF[International Rectifier]
|
FB1510 FB1510L FB1500 FB1500L FB1501 FB1501L FB150 |
15 Amp. Glass Passivated Bridge Rectifier Bridge Rectifiers (Power) 桥式整流器(电力
|
List of Unclassifed Man... List of Unclassifed Manufacturers Fagor ETC[ETC] Electronic Theatre Controls, Inc.
|
TNY279GN-TL TNY274 TNY27409 TNY277PN TNY274PG TNY2 |
Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range 0.709 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO7 Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range 0.481 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDIP7 0.267 A SWITCHING REGULATOR, PDIP7 Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
|
Power Integrations, Inc. POWER INTEGRATIONS INC Power Integrations, Inc...
|
APTGF30X60BTP2 |
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
|
Advanced Power Technology Ltd.
|
APTGF20X60BTP2 |
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
|
Advanced Power Technology Ltd.
|
APTGF10X60BTP2 |
Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
|
Advanced Power Technology
|